PART |
Description |
Maker |
DS2760TA-025 DS2760T-025 DS2760EA-025 DS2760XA-025 |
High Precision Li-Ion Battery Monitor 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16 128 x 128 pixel format, LED or EL Backlight available 122 x 32 pixel format, LED or EL Backlight available
|
http:// DALLAS SEMICONDUCTOR
|
A29L800UG-90U A29L800UV-90U A29L800TM-90 A29L800TM |
240 x 128 pixel format, LED or EL Backlight 100万8 16位为512k ×电压的CMOS 3.0只,引导扇区闪存 1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory 100万8 16位为512k ×电压的CMOS 3.0只,引导扇区闪存 128 x 64 pixel format, LED Backlight available Replaced by PT78ST133 : 3.3Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 Function Generator Carrying Case RoHS Compliant: NA 640 x 480 pixel format, CCFL Backlight
|
http:// AMIC Technology, Corp. AMIC Technology Corporation
|
A29L160TG-120 A29L160UM-90 A29L160UV-90 A29L160UM- |
122 x 32 pixel format, LED Backlight available 2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory LOGIC PROBE 50MHZ Bench Power Supply; Output Current:3.3A; Calibrated:No; Line Regulation Constant Voltage:50 mV; Load Regulation Constant Voltage:0.5% 200 mV; Ripple Voltage:25mV; Supply Voltage Max:265VAC; Supply Voltage Min:100VAC 128 x 64 pixel format, LED Backlight available Replaced by PT78NR152,PT78ST153 : 5.25Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 240 x 128 pixel format, CFL Backlight with power harness
|
AMIC Technology Corporation
|
SS0520 SS0520-T1 SS0520-T3 SS0530-T1 SS0540-T3 SS0 |
128 x 128 pixel format, LED or EL Backlight available SURFACE MOUNT SCHOTTKY BARRIER DIODE
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
BAS40-05T-7 BAS40-04T-7 BAS40-06T-7 BAS40T-7 BAS40 |
128 x 128 pixel format, LED or EL Backlight available SURFACE MOUNT SCHOTTKY BARRIER DIODE
|
Diodes Inc. Diodes Incorporated
|
ST90T31 ST90E30L1 ST90E31D1 ST90T30C1 ST90T31B6 ST |
128 x 128 pixel format, LED or EL Backlight available 9K EPROM HCMOS MCUs WOTH A/D COMVERTER 9K章存储器HCMOS MCU的WOTH A / D转换COMVERTER
|
意法半导 STMicroelectronics N.V.
|
SK33-T1 SK33-T3 S310-T3 S310-T1 SK32 SK32-T1 SK32- |
128 x 128 pixel format, LED or EL Backlight available 3.0A的表面贴装肖特基整流 3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 3.0A的表面贴装肖特基整流
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
CT30TM-8 |
128 x 64 pixel format, LED Backlight available 频闪闪光器使 STROBE FLASHER USE
|
Mitsubishi Electric, Corp. MITSUBISHI[Mitsubishi Electric Semiconductor]
|
A29L320UG-90U A29L320UV-90U A29L320UV-90UF A29L320 |
240 x 128 pixel format, LED or EL Backlight 4米8 2米16位CMOS 3.3伏只,引导扇区闪 4M X 8 Bit / 2M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory 4米8 2米16位CMOS 3.3伏只,引导扇区闪 640 x 200 pixel format, TAB configuration, 2.8mm total thickness 4米8 2米16位CMOS 3.3伏只,引导扇区闪 ADAPTER DC/AC CURRENT CLAMP 4米8 2米16位CMOS 3.3伏只,引导扇区闪 480 x 320 pixel format, White LED Backlight 4米8 2米16位CMOS 3.3伏只,引导扇区闪 Lucasey Mounting Systems Mobile Equipment Carts, Platform Dimensions: (W x D) 24 x 18 , Load Capacity: 120 lbs, Finish: Black, Material: Welded Steel, Features: 4 heavy duty casters with locking brakes CARRYING CASE FOR HV-44 PROBE CRT UNIVERSAL TESTER ADAPTOR Color HVGA display (640 x 240 pixels), CCFT Backlight with power harness ADAPTORS FOR MODELS #490 AND 480, MANUFACTURER NUMBER: CR3 ACCESSORY POUCH FOR B&K PRECISION 1420/1422 SERIES TEST INSTRUMENTS RoHS Compliant: NA ADAPTER 20PIN PAL FOR BK842/843 MODULE FOR PIC BK846/847 640 x 480 pixel format, CCFL Backlight
|
http:// AMIC Technology, Corp. AMIC Technology Corporation
|